Part Number Hot Search : 
KA556ID A1232 SC68C 7C128A 02014 JCPS2R T1016 48D05
Product Description
Full Text Search
 

To Download 0621002000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  idt ribbon cable hand tool module doc no: ats-621002000 release date: 09-25-98 uncontrolled copy page 1 of 4 revision: f revision date: 08-13-08 idt ribbon cable module operating instruction for 2.0mm milli-grid? dual row 87568 series order no. 62100-2000 features % this idt ribbon cable module is used with the 63600 -0478 pistol power handle and the 11-31-3337 power adapter. it is also used in the 62100-3200 manual press. % it is a simple design for easy termination of flat ribbon cable into the molex 2.0mm mill-grid? idt d ual row connector, 87568 series, with or without the option al polarizing key and locking ramp. % the tool is easily adjusted for circuit sizes from 10 to 50. % an adjustable cable stop allows the operator to con sistently produce quality feed-to, feed-through , or daisy chain type harnesses. % the module by itself measures 32mm (1.26) by 37mm (1.45) by95mm (3.74) and weights 0.22 kg (0.50 lb ). scope products: 2.00mm (.079") pitch mill-grid? cable-to-board rec eptacle, dual row, idt series number 87568 circuit size receptacle order number 87568-1011 87568-1043 87568-1053 87568-1063 87568-1 073 87568-1081 87568-1083 87568-1093 10 87568-1012 87568-1044 87568-1054 87568-1064 87568-1 074 87568-1082 87568-1084 87568-1094 87568-1243 87568-1263 87568-1273 87568-1281 87568-1 283 87568-1293 12 87568-1244 87568-1264 87568-1274 87568-1282 87568-1 284 87568-1294 87568-1443 87568-1463 87568-1473 87568-1481 87568-1 483 87568-1493 14 87568-1444 87568-1464 87568-1474 87568-1482 87568-1 484 87568-1494 87568-1643 87568-1663 87568-1673 87568-1681 87568-1 683 87568-1693 16 87568-1644 87568-1664 87568-1674 87568-1682 87568-1 684 87568-1694 87568-2011 87568-2043 87568-2063 87568-2073 87568-2 081 87568-2083 87568-2093 20 87568-2012 87568-2044 87568-2064 87568-2074 87568-2 082 87568-2084 87568-2094 87568-2243 87568-2263 87568-2273 87568-2281 87568-2 283 87568-2293 22 87568-2244 87568-2264 87568-2274 87568-2282 87568-2 284 87568-2294 87568-2411 87568-2443 87568-2463 87568-2473 87568-2 481 87568-2483 87568-2493 24 87568-2412 87568-2444 87568-2464 87568-2474 87568-2 482 87568-2484 87568-2494 87568-2643 87568-2663 87568-2673 87568-2681 87568-2 683 87568-2693 26 87568-2644 87568-2664 87568-2674 87568-2682 87568-2 684 87568-2694 87568-3043 87568-3063 87568-3073 87568-3081 87568-3 083 87568-3093 30 87568-3044 87568-3064 87568-3074 87568-3082 87568-3 084 87568-3094 87568-3411 87568-3443 87568-3463 87568-3473 87568-3 481 87568-3483 87568-3493 34 87568-3412 87568-3444 87568-3464 87568-3474 87568-3 482 87568-3484 87568-3494 87568-3643 87568-3663 87568-3671 87568-3673 87568-3 682 87568-3684 87568-3694 36 87568-3644 87568-3664 87568-3672 87568-3674 87568-3 683 87568-3693 87568-4011 87568-4043 87568-4063 87568-4073 87568-4 081 87568-4083 87568-4093 40 87568-4012 87568-4044 87568-4064 87568-4074 87568-4 082 87568-4084 87568-4094 87568-4411 87568-4443 87568-4463 87568-4473 87568-4 481 87568-4483 87568-4493 87568-7003 44 87568-4412 87568-4444 87568-4464 87568-4474 87568-4 482 87568-4484 87568-4494 87568-7004 87568-5011 87568-5043 87568-5063 87568-5073 87568-5 081 87568-5083 87568-5093 50 87568-5012 87568-5044 87568-5064 87568-5074 87568-5 082 87568-5084 87568-5094
idt ribbon cable hand tool module doc no: ats-621002000 release date: 09-25-98 uncontrolled copy page 2 of 4 revision: f revision date: 08-13-08 cable guides figure 2 62100-2000 module end stop locking screw adjustable stop cable stop 11 - 31 - 3337 power adapter ratchet release pawl figure 1 (handle and adapter are not included) 62100 - 2000 module 63600 - 0478 pistol handle side load anvil with pegs (11-32-8177) included with 62100-2000 62100 - 2000 module 11 - 31 - 3337 adapter stops figure 3 10 circuit connector (smallest) 50 circuit connector (largest) figure 4 adjustable stop m2.5 s hcs description installation 1. replace the anvil on the power adapter with the 11- 32-8177 anvil, included in this kit. 2. next, install the 62100-2000 idt ribbon cable modul e into the 11-31-3337 power adapter. 3. then install the 63600-0478 pistol power handle to the power adapter by following these steps: a. rotate the two (2) stops on the power adapter pegs so they are in line with the pegs. see figure 3. b. slide the hand tool module onto the power adapter. c. rotate the stops back into stop position. see figu re 1. d. align this assembly with the handle; push the adapt er down onto the handle until the stop on the adapt er is firmly seated in the groove on the handle. nest adjustment 1. to adjust the nest for correct connector size, loos en the m2.5 shcs in the adjustable stop and slide t he stop away from the end stop. 2. place the proper connector into the nest against th e end stop. see figure 4.
idt ribbon cable hand tool module doc no: ats-621002000 release date: 09-25-98 uncontrolled copy page 3 of 4 revision: f revision date: 08-13-08 3. slide the adjustable stop to the connector just tig ht enough to hold the connector in position without making it difficult t o remove. 4. retighten the m2.5 shcs. 5. molex recommends trying several connectors to be su re of a proper fit. cable stop adjustment 1. for feed-to harnesses, loosen the m3 bhcs and sli de the cable stop to the up position. retighten the screw. 2. for feed-through or daisy-chain type harnesses, loosen the m3 bhcs and slide the cable stop to the down position 3. retighten the screw. see figure 5. termination height adjustment all connector should be terminated to a final heigh t of 9.13mm .10. 1. to adjust the termination height, remove the two (2 ) screws that lock the notched wheels on the backsi de of the power adapter. 2. turn the two (2) wheels, shown in figure 6 an equal amount. clockwise to decrease the termination hei ght, or counterclockwise to increase the height. one (1 ) notch is .05mm (.002). see drawing sd-87568-003 for details. 3. when the correct height is achieved, replace the tw o (2) locking screws. locking screw (2) figure 6 notched wheel (2) m3 bhcs cable stop in up position figure 5 cable stop in down position
idt ribbon cable hand tool module doc no: ats-621002000 release date: 09-25-98 uncontrolled copy page 4 of 4 revision: f revision date: 08-13-08 figure 8 cable in feed through or daisy chain position cable in feed to position cable stops here operation 1. slide the idt ribbon cable module out to the load/unload position. 2. load the proper connector making sure the lower housing is facing up. 3. push the idt ribbon cable module into the termination position. see figure 7. 4. load the cable making sure it is locating in the cable guides and sliding it into the connector assembly until it contacts the cable stop, or until it is at the correct length. see figure 8. 5. terminate the connector onto the cable by squeezing the tool handle until the ratchet releases allowing the tool to open. see figure 1. there is a full cycle ratchet mechanism. shoul d this tool jam the ratchet mechanism will prevent the handle from being released before the termination i s complete, and the cycle will not be completed. u se the ratchet release shown in figure 1 to reset the hand tool. 6. slide the idt ribbon cable module out and remove th e assembly. repair policy molex does not repair the idt ribbon cable module. if the module, handle, or power adapter becomes da maged, a new tool must be purchased. hand tools are inten ded for prototyping or portable termination applica tions. they are not intended for continuous duty production. americas headquarters lisle, illinois 60532 u.s.a. 1-800-78molex amerinfo@molex.com far east north headquarters yamato, kanagawa, japan 81-462-65-2324 feninfo@molex.com far east south headquarters jurong, singapore 65-6-268-6868 fesinfo@molex.com european headquarters munich, germany 49-89-413092-0 eurinfo@molex.com corporate headquarters 2222 wellington ct. lisle, il 60532 u.s.a. 630-969-4550 fax: 630-969-1352 visit our web site at http://www.molex.com figure 7 62100 - 2000 module slide module in load connector 62100 - 2000 module slide module out


▲Up To Search▲   

 
Price & Availability of 0621002000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X